Electronic Components Datasheet Search
  English  ▼

X  

BTM7741G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTM7741G
Description  TrilithIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7741G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTM7741G Datasheet HTML 9Page - Infineon Technologies AG BTM7741G Datasheet HTML 10Page - Infineon Technologies AG BTM7741G Datasheet HTML 11Page - Infineon Technologies AG BTM7741G Datasheet HTML 12Page - Infineon Technologies AG BTM7741G Datasheet HTML 13Page - Infineon Technologies AG BTM7741G Datasheet HTML 14Page - Infineon Technologies AG BTM7741G Datasheet HTML 15Page - Infineon Technologies AG BTM7741G Datasheet HTML 16Page - Infineon Technologies AG BTM7741G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
13
Rev. 1.0, 2007-05-21
BTM7741G
Short Circuit of high-side switch to GND
5.4.42
Initial peak SC current
t
del = 360 µs; VS = 12 V; VDSH = 12V
I
SCP H
9
1114A
T
j = – 40 °C
–10
–
A
T
j = + 25 °C
68
10
A
T
j = + 150 °C
Short Circuit of high-side switch to
V
S
5.4.43
Output pull-down-resistor
R
O
12
22
50
k
Ω
V
DSL = 3 V
Short Circuit of low-side switch to V
S
5.4.44
Initial peak SC current
V
DSL =12V; VIL =5V;
t
del = 250 µs
I
SCP L
14
17
22
A
T
j = – 40
°C
–15
–
A
T
j = 25
°C
8.5
1015A
T
j = 150
°C
Thermal Shutdown1)
5.4.45
Thermal shutdown junction
temperature
T
j SD
155
180
190
°C–
5.4.46
Thermal switch-on junction
temperature
T
j SO
150
170
180
°C–
5.4.47
Temperature hysteresis
∆Τ
–10
–
°C
∆Τ = T
jSD – TjSO
Status Flag Output ST of high-side switch
5.4.48
Low output voltage
V
ST L
–0.2
0.6
V
I
ST = 1.6 mA
5.4.49
Leakage current
I
ST LK
––
10
µA
V
ST = 5 V
5.4.50
Zener-limit-voltage
V
ST Z
5.4
–
–
V
I
ST = 1.6 mA
Open load detection in Off condition
5.4.51
Open load detection voltage
V
OUT(OL)
1.8
2.8
4
V
5.4.52
Status change after neg. input slope
with OL
t
d(OL)
––
500
µs
V
S = 12 V
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40
°C < Tj < 150 °C; 8 V < VS< 18 V
unless otherwise specified
Pos.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com