Electronic Components Datasheet Search
  English  ▼

X  

BTM7741G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTM7741G
Description  TrilithIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7741G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTM7741G Datasheet HTML 5Page - Infineon Technologies AG BTM7741G Datasheet HTML 6Page - Infineon Technologies AG BTM7741G Datasheet HTML 7Page - Infineon Technologies AG BTM7741G Datasheet HTML 8Page - Infineon Technologies AG BTM7741G Datasheet HTML 9Page - Infineon Technologies AG BTM7741G Datasheet HTML 10Page - Infineon Technologies AG BTM7741G Datasheet HTML 11Page - Infineon Technologies AG BTM7741G Datasheet HTML 12Page - Infineon Technologies AG BTM7741G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
9
Rev. 1.0, 2007-05-21
BTM7741G
4.7
Status Flag
The status flag output is an open drain output with zener-diode which requires a pull-up resistor, as shown in the
application circuit in Figure 4 “Application Example BTM7741G” on Page 15. Various errors as listed in the
table “Diagnosis” are reported by switching the open drain output ST to low.
Table 3
Truth table and Diagnosis (valid only for the High-Side-Switches)
Flag
IH1
IH2
SH1 SH2 ST Remarks
Inputs
Outputs
Normal operation;
identical with functional truth table
0
0
1
1
0
1
0
1
L
L
H
H
L
H
L
H
1
1
1
1
stand-by mode
switch2 active
switch1 active
both switches
active
Open load at high-side switch 1
Open load at high-side switch 2
0
1
X
X
X
X
0
1
Z
H
X
X
X
X
Z
H
0
1
0
1
detected
detected
Overtemperature high-side switch1
0
1
X
X
L
L
X
X
1
0
detected
Overtemperature high-side switch2
X
X
0
1
X
X
L
L
1
0
detected
Overtemperature both high-side switches
0
X
1
0
1
X
L
L
L
L
L
L
1
0
0
detected
detected
Under voltage
X
X
L
L
1
not detected
Inputs:
Outputs:
Status:
0 = Logic LOW
Z = Output in tristate condition
1 = No error
1 = Logic HIGH
L = Output in sink condition
0 = Error
X = don’t care
H = Output in source condition
X = Voltage level undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com