Electronic Components Datasheet Search
  English  ▼

X  

IR3522 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3522
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3522 Datasheet HTML 4Page - International Rectifier IR3522 Datasheet HTML 5Page - International Rectifier IR3522 Datasheet HTML 6Page - International Rectifier IR3522 Datasheet HTML 7Page - International Rectifier IR3522 Datasheet HTML 8Page - International Rectifier IR3522 Datasheet HTML 9Page - International Rectifier IR3522 Datasheet HTML 10Page - International Rectifier IR3522 Datasheet HTML 11Page - International Rectifier IR3522 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
IR3522
Page 8
V3.01
Note 1: Guaranteed by design, but not tested in production
Note 2: VDACx Outputs are trimmed to compensate for Error & Amp Remote Sense Amp input offsets
Bold Letters: Critical specs
SYSTEM SET POINT TEST
Converter output voltage is determined by the system set point voltage which is the voltage that appears at the
FBx pins when the converter is in regulation. The set point voltage includes error terms for the VDAC digital-to-
analog converters, the Error Amp input offsets, and the Remote Sense input offsets. The voltage appearing at
the VDACx pins is not the system set point voltage. System set point voltage test circuits for Outputs 1 and 2 are
shown in Figures 2A and 2B.
CVREF1
RROSC
RVREF1
ROCSET1
EAOUT1
FB1
OC SET1
VREF1
VOSEN1-
VOSEN1+
VOUT1
LGND
ROSC
IR OSC
EAOUT
VOSNS-
VREF1
BUFFER
AMPLIFIER
ROSC BUFFER
AMPLIFIER
0.6V
"FAST"
VDAC
ISINK
ISOURCE
IR3522
SYSTEM
SET POINT
VOLTAGE
IOCSET1
CURRENT
SOURCE
GENERATOR
REMOTE SENSE
AMPLIFIER
ERROR
AMPLIFIER
IROSC
Figure 2A - Output 1 System Set Point Test Circuit
VREF_TRACK
FB2
EAOUT2
VOUT2
VOSEN2+
VOSEN2-
VOSNS-
EAOUT
SYSTEM
SET POINT
VOLTAGE
IR3522
ERROR
AMPLIFIER 2
REMOTE SENSE
AMPLIFIER 2
VOUT1
Figure 2B - Output 2 System Set Point Test Circuit
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCCL
Supply Current
3.5
7
15
mA
UVLO Start Threshold
4.20
4.43
4.7
V
UVLO Stop Threshold
3.8
3.99
4.3
V
Hysteresis
0.36
0.42
0.46
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com