Electronic Components Datasheet Search
  English  ▼

X  

IR3522 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3522
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3522 Datasheet HTML 13Page - International Rectifier IR3522 Datasheet HTML 14Page - International Rectifier IR3522 Datasheet HTML 15Page - International Rectifier IR3522 Datasheet HTML 16Page - International Rectifier IR3522 Datasheet HTML 17Page - International Rectifier IR3522 Datasheet HTML 18Page - International Rectifier IR3522 Datasheet HTML 19Page - International Rectifier IR3522 Datasheet HTML 20Page - International Rectifier IR3522 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
IR3522
Page 17
V3.01
Tracking
Fault
VID_OFF
Response
Open
Daisy
Open
Sense
Open
Control
UVLO
(VCCL)
OC
Over
Voltage
Disable
SVID
UVLO
(Vout)
Latch
UVLO CLEARED Latch
ENABLE CLEARED Latch
SS Latch
No
Reset
Recycle VCCL
Recycle EN or Cycle VID_OFF through
SVID
SS discharge below
0.22V
No
Outputs
Affected
Both
none
Disables
EA
Yes
No
No
Soft Stop
No
Yes
No
CROWBAR
Yes
No
Flags
PGood
Yes
8
PHSOUT
No
250ns
Delays
32
Clock
Pulses
No
Pulses
No
Delay
Counter
No
Blanking
Time
No
No
Additional
Yes,
Flagged
Response
IIN1 pin is pulled-up to VCCL when SS discharge below 0.35V. This action latches on the Phase IC(s)
Diode Emulation Mode which insure proper current sharing during soft start**.
No
*Pulse number range depends on Rosc value selected (See Specifications Table)
** IIN1 is pulled low when SS charges above 0.4V.
Table 5 – IR3522 Fault protocol
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com