Electronic Components Datasheet Search
  English  ▼

X  

IR3522 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3522
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3522 Datasheet HTML 8Page - International Rectifier IR3522 Datasheet HTML 9Page - International Rectifier IR3522 Datasheet HTML 10Page - International Rectifier IR3522 Datasheet HTML 11Page - International Rectifier IR3522 Datasheet HTML 12Page - International Rectifier IR3522 Datasheet HTML 13Page - International Rectifier IR3522 Datasheet HTML 14Page - International Rectifier IR3522 Datasheet HTML 15Page - International Rectifier IR3522 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
IR3522
Page 12
V3.01
An additional problem associated with peak or valley current mode control for voltage positioning is that they suffer
from peak-to-average errors. These errors will show in many ways but one example is the effect of frequency
variation. If the frequency of a particular unit is 10% low, the peak to peak inductor current will be 10% larger and
the output impedance of the converter will drop by about 10%. Variations in inductance, current sense amplifier
bandwidth, PWM prop delay, any added slope compensation, input voltage, and output voltage are all additional
sources of peak-to-average errors.
Current Sense Amplifier
A high speed differential current sense amplifier is located in the IR3506 phase IC, as shown in Figure 7. Its gain is
nominally 32.5 at 25ºC, and the 3850 ppm/ºC increase in inductor DCR should be considered when setting the
controller’s current limit.
The current sense amplifier can accept positive differential input up to 50 mV and negative up to -10 mV before
clipping. The output of the current sense amplifier is summed with the DAC voltage and sent to the control IC and
other phases through an on-chip 3K
resistor connected to the ISHARE pin. The ISHARE pins of all the phases are
tied together and the voltage on the share bus represents the average current through all the inductors and is used
by the control IC for current limit protection.
Average Current Share Loop
Current sharing between phases of the converter is achieved by the average current share loop in each phase IC.
The output of the current sense amplifier is compared with average current at the share bus. If a single phase
current is smaller than the average current, the phase IC share adjust amplifier will pull down the starting point of
the PWM ramp thereby increasing its duty cycle and output current. Conversely, a phase current larger than the
average current will pull up the PWM starting point decreasing its duty cycle and output current. The current share
amplifier is internally compensated so that the crossover frequency, of the current share loop, is much slower than
that of the voltage loop and the two loops do not interact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com