Electronic Components Datasheet Search
  English  ▼

X  

TLE4266G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4266G
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4266G Datasheet HTML 1Page - Infineon Technologies AG TLE4266G Datasheet HTML 2Page - Infineon Technologies AG TLE4266G Datasheet HTML 3Page - Infineon Technologies AG TLE4266G Datasheet HTML 4Page - Infineon Technologies AG TLE4266G Datasheet HTML 5Page - Infineon Technologies AG TLE4266G Datasheet HTML 6Page - Infineon Technologies AG TLE4266G Datasheet HTML 7Page - Infineon Technologies AG TLE4266G Datasheet HTML 8Page - Infineon Technologies AG TLE4266G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 4266
Data Sheet
5
Rev. 2.5, 2008-03-10
Table 3
Characteristics (TLE 4266 G)
V
I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
Min. Typ. Max.
Output voltage
V
Q
4.9
5
5.1
V
5 mA
≤ I
Q ≤ 100 mA
6 V
≤ V
i ≤ 28 V
Output-current limitation
I
Q
120
150
–
mA
–
Current consumption
I
q = Ii - IQ
I
q
––10
µA
V
INH = 0 V;
T
j ≤ 100 °C
Current consumption
I
q = Ii - IQ
I
q
–
–
400
µA
I
Q = 1 mA
Inhibit ON
Current consumption
I
q = Ii - IQ
I
q
–10
15
mA
I
Q = 100 mA
Inhibit ON
Drop voltage
V
DR
–
0.25
0.5
V
I
Q = 100 mA
1)
Load regulation
∆V
Q,lo
––40
mV
I
Q = 5 to 100 mA
V
i = 6 V
Line regulation
∆V
Q,li
–15
30
mV
V
I = 6 V to 28 V
I
Q = 5 mA
Power supply ripple
rejection
PSRR
–54
–
dB
f
r = 100 Hz,
V
r = 0.5 Vpp
Inhibit
Inhibit on voltage
V
INH, on
3.5
–
–
V
–
Inhibit off voltage
V
INH, off
––0.8
V
–
Inhibit current
I
INH
515
25
µA
V
INH = 5 V
1) Drop voltage =
Vi - VQ (measured when the output voltage VQ has dropped 100 mV from the nominal value
obtained at
V
i = 13.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com