Electronic Components Datasheet Search
  English  ▼

X  

TLE4266G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4266G
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4266G Datasheet HTML 1Page - Infineon Technologies AG TLE4266G Datasheet HTML 2Page - Infineon Technologies AG TLE4266G Datasheet HTML 3Page - Infineon Technologies AG TLE4266G Datasheet HTML 4Page - Infineon Technologies AG TLE4266G Datasheet HTML 5Page - Infineon Technologies AG TLE4266G Datasheet HTML 6Page - Infineon Technologies AG TLE4266G Datasheet HTML 7Page - Infineon Technologies AG TLE4266G Datasheet HTML 8Page - Infineon Technologies AG TLE4266G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5 V/10 V Low Drop Voltage Regulator
TLE 4266
SOT223
Data Sheet
1
Rev. 2.5, 2008-03-10
Type
Package
TLE 4266 G
PG-SOT223-4
TLE 4266 GSV10
PG-SOT223-4
Features
•
Output voltage 5 V or 10 V
•
Output voltage tolerance
≤ ±2%
•
120 mA current capability
•
Very low current consumption
•
Low-drop voltage
•
Overtemperature protection
•
Reverse polarity proof
•
Wide temperature range
•
Suitable for use in automotive electronics
•Inhibit
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE 4266 is a low-drop voltage regulator for 5 V or 10 V supply in a PG-SOT223-4 SMD
package. The IC regulates an input voltage
V
I in the range of 5.5 V/10.5 V < VI < 45 V to
V
Q,nom = 5 V/10 V. The maximum output current is more than 120 mA. The IC can be
switched off via the inhibit input, which causes the current consumption to drop below
10
µA. The IC is shortcircuit-proof and incorporates a temperature protection which turns
off the IC at overtemperature.
Choosing External Components
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating of input line inductivity and input capacitance
can be clamped. The output capacitor
C
Q is necessary for the stability of the regulating
circuit. Stability is guaranteed at values
C
Q ≥ 10 µF and an ESR ≤ 10 Ω within the whole
operating temperature range.


Similar Part No. - TLE4266G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4266G SIEMENS-TLE4266G Datasheet
307Kb / 9P
5-V Low-Drop Voltage Regulator
TLE4266G SIEMENS-TLE4266G Datasheet
46Kb / 9P
5-V Low-Drop Voltage Regulator
TLE4266GSV10 SIEMENS-TLE4266GSV10 Datasheet
46Kb / 9P
5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4266G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4274 INFINEON-TLE4274_07 Datasheet
207Kb / 16P
Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com