Electronic Components Datasheet Search
  English  ▼

X  

TLE4266G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4266G
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4266G Datasheet HTML 1Page - Infineon Technologies AG TLE4266G Datasheet HTML 2Page - Infineon Technologies AG TLE4266G Datasheet HTML 3Page - Infineon Technologies AG TLE4266G Datasheet HTML 4Page - Infineon Technologies AG TLE4266G Datasheet HTML 5Page - Infineon Technologies AG TLE4266G Datasheet HTML 6Page - Infineon Technologies AG TLE4266G Datasheet HTML 7Page - Infineon Technologies AG TLE4266G Datasheet HTML 8Page - Infineon Technologies AG TLE4266G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
2
Rev. 2.5, 2008-03-10
TLE 4266
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin
Symbol
Function
1I
Input voltage; block to ground directly at the IC with a ceramic
capacitor.
2INH
Inhibit; low-active input.
3Q
Output voltage; block to ground with a capacitor
C
Q ≥ 10 µF.
4GND
Ground
AEP01734
Ι
INH
Q
GND
12
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com