Electronic Components Datasheet Search
  English  ▼

X  

TLE4266G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4266G
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4266G Datasheet HTML 6Page - Infineon Technologies AG TLE4266G Datasheet HTML 7Page - Infineon Technologies AG TLE4266G Datasheet HTML 8Page - Infineon Technologies AG TLE4266G Datasheet HTML 9Page - Infineon Technologies AG TLE4266G Datasheet HTML 10Page - Infineon Technologies AG TLE4266G Datasheet HTML 11Page - Infineon Technologies AG TLE4266G Datasheet HTML 12Page - Infineon Technologies AG TLE4266G Datasheet HTML 13Page - Infineon Technologies AG TLE4266G Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TLE 4266
Revision History
Data Sheet
13
Rev. 2.5, 2008-03-10
Version
Date
Changes
Rev. 2.5
2008-03-10 Simplified package name to PG-SOT223-4.
No modification of released product.
Rev. 2.4
2007-03-20 Initial version of RoHS-compliant derivate of TLE 4266
Page 1: AEC certified statement added
Page 1 and Page 12: RoHS compliance statement and
Green product feature added
Page 1 and Page 12: Package changed to RoHS compliant
version
Legal Disclaimer updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com