Electronic Components Datasheet Search
  English  ▼

X  

PCA9620 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 29Page - NXP Semiconductors PCA9620 Datasheet HTML 30Page - NXP Semiconductors PCA9620 Datasheet HTML 31Page - NXP Semiconductors PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
33 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.4.5 Charge pump driving capability
Figure 25 illustrates the main factor determining how much current the charge pump can
deliver.
The output resistance of the charge pump is specified in Table 35 on page 55. With these
values it can be calculated how much current the charge pump can drive under certain
conditions.
Example: Assuming the user would like to have the normal operation point at 25
°C with
VLCD = 7.0 V and VDD2 = 5.0 V and the charge pump is set to 2 × VDD2. Then the
theoretical value of VLCD is 10.0 V and the desired one is 7.0 V. The difference between
the theoretical maximum value and desired one is 3.0 V. The charge pump resistance is
nominally 0.85 k
Ω. Equation 7 shows the possible current that the charge pump could
deliver:
(7)
For this example we get:
In cases where no extreme driving capability is needed, a command is available for
decreasing the charge pump frequency (see Table 22 on page 11) and thus reducing the
total current consumption. If the charge pump frequency is halved, then the driving
capability is halved as well, whereas the output resistance doubles.
7.4.6 Charge pump frequency settings and power efficiency
The PCA9620 offers the possibility to use different frequency settings for the charge
pump. Bit CPF controls the frequency at which the charge pump is running (see Table 22
on page 11). This frequency has a direct influence on the current consumption of the IC
but also on the charge pump driving capability. Using a lower charge pump frequency
decreases the current consumption and the driving capability.
The power efficiency of the charge pump determines in certain applications which
frequency settings to choose for the CPF bit. In the example shown in Figure 26, the
current consumption was measured with the charge pump set to 2
× V
DD2 and with
VDD2 = 3.0 V and VPR[7:0] set to maximum to obtain the maximum possible VLCD with this
setup, which is close to 6.0 V. The current load on pin VLCD determines the output power
delivered by the IC:
(8)
The current consumption on pin VDD2 determines the input power taken by the IC:
Fig 25. Charge pump model (used to characterize the driving strength)
Theoretical VLCD value
VLCD = 2 × VDD2 or
VLCD = 3 × VDD2
Output Resistance
Ro(cp)
Regulated desired VLCD
This supplies the segments
and backplanes
013aaa259
I
load
ΔV
LCD
R
ocp
()
⁄
=
I
load
3.0 V 0.85 k
Ω
⁄
3.5 mA
==
P
o
I
load
V
LCD
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com