Electronic Components Datasheet Search
  English  ▼

X  

PCA9620 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
10 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.1.12 Bank select commands
For multiplex drive modes 1:4, 1:2 and static drive mode, it is possible to write data to one
area of the RAM whilst displaying from another. These areas are named as RAM banks.
Input and output banks can be set independently from one another with the
input-bank-select and the output-bank-select command. For further information see
Section 7.9.2 on page 46.
7.1.12.1
Command: input-bank-select
[1]
Not applicable for multiplex drive mode 1:6 and 1:8.
[2]
Default value.
7.1.12.2
Command: output-bank-select
[1]
Not applicable for multiplex drive mode 1:6 and 1:8.
[2]
Default value.
Table 18.
Input-bank-select - input bank select command bit description[1]
Bit
Symbol
Value
Description
7 to 3
-
00001
fixed value
2 to 0
IB[2:0]
selects RAM bank to write to
static drive mode
1:2 drive mode
1:4 drive mode
000[2]
bank 0: RAM-row 0
bank 0: RAM-rows 0
and 1
bank 0: RAM-rows 0,
1, 2, and 3
001
bank 1: RAM-row 1
010
bank 2: RAM-row 2
bank 2: RAM-rows 2
and 3
011
bank 3: RAM-row 3
100
bank 4: RAM-row 4
bank 4: RAM-rows 4
and 5
bank 4: RAM-rows 4,
5, 6, and 7
101
bank 5: RAM-row 5
110
bank 6: RAM-row 6
bank 6: RAM-rows 6
and 7
111
bank 7: RAM-row 7
Table 19.
Output-bank-select - output bank select command bit description[1]
Bit
Symbol
Value
Description
7 to 3
-
00010
fixed value
2 to 0
OB[2:0]
selects RAM bank to read from to the LCD
static drive mode
1:2 drive mode
1:4 drive mode
000[2]
bank 0: RAM-row 0
bank 0: RAM-rows 0
and 1
bank 0: RAM-rows 0,
1, 2, and 3
001
bank 1: RAM-row 1
010
bank 2: RAM-row 2
bank 2: RAM-rows 2
and 3
011
bank 3: RAM-row 3
100
bank 4: RAM-row 4
bank 4: RAM-rows 4
and 5
bank 4: RAM-rows 4,
5, 6, and 7
101
bank 5: RAM-row 5
110
bank 6: RAM-row 6
bank 6: RAM-rows 6
and 7
111
bank 7: RAM-row 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com