Electronic Components Datasheet Search
  English  ▼

X  

PCK942P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK942P
Description  Low voltage 1 : 18 clock distribution chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK942P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK942P Datasheet HTML 1Page - NXP Semiconductors PCK942P Datasheet HTML 2Page - NXP Semiconductors PCK942P Datasheet HTML 3Page - NXP Semiconductors PCK942P Datasheet HTML 4Page - NXP Semiconductors PCK942P Datasheet HTML 5Page - NXP Semiconductors PCK942P Datasheet HTML 6Page - NXP Semiconductors PCK942P Datasheet HTML 7Page - NXP Semiconductors PCK942P Datasheet HTML 8Page - NXP Semiconductors PCK942P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 12261
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2006
4 of 11
Philips Semiconductors
PCK942P
Low voltage 1 : 18 clock distribution chip
8.
Static characteristics
Table 5:
Static characteristics
Tamb =0 °Cto70 °C; VCC = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-state input voltage
2.0
-
VCC
V
VIL
LOW-state input voltage
-
-
0.8
V
Vi(p-p)
peak-to-peak input voltage
PECL_CLK
0.6
-
1.0
V
VIX
crosspoint voltage of differential inputs
PECL_CLK
VCC − 1.0 -
VCC − 0.6 V
VOH
HIGH-state output voltage
IOH = −16 mA
2.0
-
-
V
VOL
LOW-state output voltage
IOL =16mA
-
-
0.5
V
II
input current
-
-
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
14
-
pF
Zo
output impedance
-
12
-
Ω
Iq(max)
maximum quiescent current
-
0.5
5.0
mA
Table 6:
Static characteristics
Tamb =0 °Cto70 °C; VCC = 3.3 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-state input voltage
2.4
-
VCC
V
VIL
LOW-state input voltage
-
-
0.8
V
Vi(p-p)
peak-to-peak input voltage
PECL_CLK
0.6
-
1.0
V
VIX
crosspoint voltage of differential inputs
PECL_CLK
VCC − 1.0 -
VCC − 0.6 V
VOH
HIGH-state output voltage
IOH = −20 mA
2.4
-
-
V
VOL
LOW-state output voltage
IOL =20mA
-
-
0.6
V
II
input current
-
-
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
14
-
pF
Zo
output impedance
-
12
-
Ω
Iq(max)
maximum quiescent current
-
0.5
5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com