Electronic Components Datasheet Search
  English  ▼

X  

PCK942P Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK942P
Description  Low voltage 1 : 18 clock distribution chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK942P Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK942P Datasheet HTML 1Page - NXP Semiconductors PCK942P Datasheet HTML 2Page - NXP Semiconductors PCK942P Datasheet HTML 3Page - NXP Semiconductors PCK942P Datasheet HTML 4Page - NXP Semiconductors PCK942P Datasheet HTML 5Page - NXP Semiconductors PCK942P Datasheet HTML 6Page - NXP Semiconductors PCK942P Datasheet HTML 7Page - NXP Semiconductors PCK942P Datasheet HTML 8Page - NXP Semiconductors PCK942P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 12261
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2006
5 of 11
Philips Semiconductors
PCK942P
Low voltage 1 : 18 clock distribution chip
9.
Dynamic characteristics
[1]
For a specific temperature and voltage, includes output skew.
[2]
Across temperature and voltage ranges, includes output skew.
[1]
For a specific temperature and voltage, includes output skew.
[2]
Across temperature and voltage ranges, includes output skew.
Table 7:
Dynamic characteristics
Tamb =0 °Cto70 °C; VCC = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper(max)
maximum operating frequency
-
-
200
MHz
tPLH
LOW-to-HIGH propagation delay
1.8
-
4.0
ns
tPHL
HIGH-to-LOW propagation delay
2.0
-
4.3
ns
tsk(o)
output skew time
output-to-output
-
-
200
ps
tsk(pr)
process skew time
part-to-part
[2] -
-
2.2
ns
part-to-part
[1] -
-
1.3
ps
tr
rise time
output
0.1
-
1.0
ns
tf
fall time
output
0.1
-
1.0
ns
Table 8:
Static characteristics
Tamb =0 °Cto70 °C; VCC = 3.3 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper(max)
maximum operating frequency
-
-
250
MHz
tPLH
LOW-to-HIGH propagation delay
1.5
-
3.2
ns
tPHL
HIGH-to-LOW propagation delay
1.5
-
3.6
ns
tsk(o)
output skew time
output-to-output
-
-
200
ps
tsk(pr)
process skew time
part-to-part
[2] -
-
1.7
ns
part-to-part
[1] -
-
1.0
ps
tr
rise time
output
0.1
-
1.0
ns
tf
fall time
output
0.1
-
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com