Electronic Components Datasheet Search
  English  ▼

X  

PCK942P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK942P
Description  Low voltage 1 : 18 clock distribution chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK942P Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK942P Datasheet HTML 1Page - NXP Semiconductors PCK942P Datasheet HTML 2Page - NXP Semiconductors PCK942P Datasheet HTML 3Page - NXP Semiconductors PCK942P Datasheet HTML 4Page - NXP Semiconductors PCK942P Datasheet HTML 5Page - NXP Semiconductors PCK942P Datasheet HTML 6Page - NXP Semiconductors PCK942P Datasheet HTML 7Page - NXP Semiconductors PCK942P Datasheet HTML 8Page - NXP Semiconductors PCK942P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
General description
The PCK942P is a 1 : 18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS
output capabilities. The device is offered in two versions: the PCK942C has an LVCMOS
input clock, while the PCK942P has a LVPECL input clock. The 18 outputs are 2.5 V or
3.3 V LVCMOS compatible and feature the drive strength to drive 50
Ω series-terminated
transmission lines. With output-to-output skews of 200 ps, the PCK942P is ideal as a
clock distribution chip for the most demanding of synchronous systems. The 2.5 V output
also makes the device ideal for supplying clocks for a higher performance Pentium II
microprocessor-based design.
With a low output impedance of approximately 12
Ω, in both the HIGH and LOW logic
states, the output buffers of the PCK942P are ideal for driving series-terminated
transmission lines. With an output impedance of 12
Ω, the PCK942P can drive two
series-terminated transmission lines from each output. This capability gives the PCK942P
an effective fan-out of 1 : 36. The PCK942P provides enough copies of low skew clocks
for most high performance synchronous systems.
The differential LVPECL inputs of the PCK942P allow the device to interface directly with a
LVPECL fan-out buffer like the MC100EP111 to build very wide clock fan-out trees or to
couple to a high frequency clock source. The OE pin will place the outputs to a
high-impedance state. The OE pin has an internal pull-up resistor.
The PCK942P is a single supply device. The VCC power pins require either 2.5 V or 3.3 V.
The 32-lead LQFP package was chosen to optimize performance, board space, and cost
of the device. The 32-lead LQFP package has a 7 mm
× 7 mm body size with a
conservative 0.8 mm pin spacing.
2.
Features
s LVPECL clock input
s 2.5 V LVCMOS outputs for Pentium II microprocessor support
s 200 ps maximum targeted output-to-output skew
s Maximum output frequency of 250 MHz at 3.3 V VCC
s 32-lead LQFP packaging
s Single 3.3 V or 2.5 V supply voltage
PCK942P
Low voltage 1 : 18 clock distribution chip
Rev. 01 — 17 February 2006
Product data sheet


Similar Part No. - PCK942P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
More results

Similar Description - PCK942P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com