Electronic Components Datasheet Search
  English  ▼

X  

33931 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33931 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33931
PIN CONNECTIONS
41
CCP
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for the internal charge pump;
connected to VPWR. Allowable values are 30 nF to 100 nF. Note: This
capacitor is required for the proper performance of the device.
42
IN2
Logic Input
Input 2
Logic input control of OUT2;e.g., when IN2 is logic HIGH, OUT2 is set to
VPWR, and when IN2 is logic LOW, OUT2 is set to PGND. (Schmitt trigger
Input with ~80
μA source so default condition = OUT2 HIGH.)
43
IN1
Logic Input
Input 1
Logic input control of OUT1; e.g., when IN1 is logic HIGH, OUT1 is set to
VPWR, and when IN1 is logic LOW, OUT1 is set to PGND. (Schmitt trigger
Input with ~80
μA source so default condition = OUT1 HIGH.)
44
SF
Logic
Output -
Open Drain
Status Flag
(Active Low)
Open drain active LOW Status Flag output (requires an external pull-up resistor
to VDD. Maximum permissible load current < 0.5 mA. Maximum VCEsat < 0.4 V
@
0.3 mA. Maximum permissible pull-up voltage < 7.0 V.)
TAB
AGND
Analog
Ground
Analog Signal
Ground
The low-current analog signal ground must be connected to PGND via low-
impedance path (<10 m
Ω, 0 Hz to 20 kHz). Exposed TAB is also the main
heatsinking path for the device.
12-33
N/C
None
No Connect
Pin is not used
Table 1. 33931 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description section beginning on page 11.
Pin
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com