Electronic Components Datasheet Search
  English  ▼

X  

33931 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33931 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33931
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
The device is enabled and fully operational when the EN pin
voltage is logic HIGH. An internal pull-down resistor
maintains the device in Sleep mode in the event EN is driven
through a high-impedance I/O or an unpowered
microcontroller, or the EN/D2 input becomes disconnected.
FEEDBACK (FB)
The 33931 has a feedback output (FB) for “real time”
monitoring of H-bridge high side output currents to facilitate
closed-loop operation for motor speed and torque control.
The FB pin provides current sensing feedback of the
H-bridge high side drivers. When running in the forward or
reverse direction, a ground-referenced 0.24% of load current
is output to this pin. Through the use of an external resistor to
ground, the proportional feedback current can be converted
to a proportional voltage equivalent and the controlling
microcontroller can “read” the current proportional voltage
with its analog-to-digital converter (ADC). This is intended to
provide the user with only first-order motor current feedback
for motor torque control. The resistance range for the linear
operation of the FB pin is 100
Ω < RFB <300 Ω.
If PWM-ing is implemented using the disable pin input
(only D1), a small filter capacitor (~1.0 µF) may be required
in parallel with the RFB resistor to ground for spike
suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com