Electronic Components Datasheet Search
  English  ▼

X  

33931 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33931 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33931
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
Figure 12. 33931 Power Stage Operation
Table 5. Truth Table
The tri-state conditions and the status flag are reset using D1 or EN/D2. The truth table uses the following notations: L = LOW,
H = HIGH, X = HIGH or LOW, and Z = High-impedance. All output power transistors are switched off.
Device State
Input Conditions
Status
Outputs
EN/D2
D1
IN1
IN2
SF
OUT1
OUT2
Forward
H
L
H
L
H
H
L
Reverse
H
L
L
H
H
L
H
Free Wheeling Low
H
L
L
L
H
L
L
Free Wheeling High
H
L
H
H
H
H
H
Disable 1 (D1)
H
H
X
X
L
Z
Z
IN1 Disconnected
H
L
Z
X
H
H
X
IN2 Disconnected
H
L
X
Z
H
X
H
D1 Disconnected
H
Z
X
X
L
Z
Z
Under-voltage Lockout(29)
H
X
X
X
L
Z
Z
Over-temperature(30)
H
X
X
X
L
Z
Z
Short-circuit(30)
H
X
X
X
L
Z
Z
Sleep Mode EN/D2
L
X
X
X
H
Z
Z
EN/D2 Disconnected
Z
X
X
X
H
Z
Z
Notes
29.
In the event of an under-voltage condition, the outputs tri-state and status flag is SET logic LOW. Upon under-voltage
recovery, status flag is reset automatically or automatically cleared and the outputs are restored to their original operating
condition.
30.
When a short-circuit or over-temperature condition is detected, the power outputs are tri-state latched-OFF independent of
the input signals and the status flag is latched to logic LOW. To reset from this condition requires the toggling of either D1,
EN/D2, or VPWR.
OUT1
OUT2
PGND
VPWR
VPW R
PGND
LOAD
Load
Current
Forward
OFF
ON
ON
OFF
OUT1
OUT2
PGND
OFF
ON
ON
OFF
VPWR
VPWR
PGND
LOAD
Load
Current
Reverse
OUT1
OUT2
PGND
VPWR
VPWR
PGND
LOAD
Load
Current
High-Side Recirculation
(Forward)
ON
OFF
ON
OFF
OUT1
OUT2
PGND
VPWR
VPWR
PGND
LOAD
Load
Current
Low-Side Recirculation
(Forward)
ON
ON
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com