Electronic Components Datasheet Search
  English  ▼

X  

33931 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33931 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33931
REVISION HISTORY
REVISION HISTORY
REVISION DATE
DESCRIPTION
1.0
2/2008
• Initial Release
2.0
12/2008
• Updated Freescale for and style
• Removed PC33931VW/R2 from the ordering information and added MC33931VW/R2
• Changes Max RDS(ON) from 225 to 235 mOhm in the document
• Changed Peak Package Reflow Temperature During Reflow(7),(8)
• Changed Approximate Junction-to-Case Thermal Resistance(9)
•In SHORT-CIRCUIT PROTECTION, changed D2 to EN/D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com