Electronic Components Datasheet Search
  English  ▼

X  

EC3H04C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC3H04C
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H04C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC3H04C Datasheet HTML 1Page - Sanyo Semicon Device EC3H04C Datasheet HTML 2Page - Sanyo Semicon Device EC3H04C Datasheet HTML 3Page - Sanyo Semicon Device EC3H04C Datasheet HTML 4Page - Sanyo Semicon Device EC3H04C Datasheet HTML 5Page - Sanyo Semicon Device EC3H04C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC3H04C
No.6580-1/6
High-Frequency Low-Noise Amplifier
and OSC Applications
Features
•
Low noise : NF=1.7dB typ (f=2GHz).
•
Hige cut-off frequency : fT=8GHz typ (VCE=1V).
•
Low operating voltage.
•
Ultraminiature (1008 size) and thin (0.6mm) leadless
package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
9V
Collector-to-Emitter Voltage
VCEO
6V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
10
µA
DC Current Gain
hFE
VCE=1V, IC=10mA
100
180
Gain-Bandwidth Product
fT
VCE=1V, IC=10mA
6
8
GHz
Output Capacitance
Cob
VCB=1V, f=1MHz
1.1
1.5
pF
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.85
pF
Forward Transfer Gain
S21e21VCE=1V, IC=10mA, f=2GHz
4
5
dB
S21e22VCE=3V, IC=20mA, f=1GHz
12
dB
Noise Figure
NF
VCE=1V, IC=10mA, f=2GHz
1.7
2.5
dB
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6580
EC3H04C
Package Dimensions
unit : mm
2184
[EC3H04C]
72100 TS IM TA-2738
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
2
1
3
4
0.5
0.2
0.2
0.05
0.8
0.05
(Bottom View)
1 : Base
2 : Emitter
3 : Collector
4 : Collector
SANYO : E-CSP1008-4


Similar Part No. - EC3H04C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H04B SANYO-EC3H04B Datasheet
34Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
More results

Similar Description - EC3H04C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
VHF Low-Noise Amplifier , OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H04B SANYO-EC3H04B Datasheet
34Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
logo
Fairchild Semiconductor
KSC1623 FAIRCHILD-KSC1623 Datasheet
60Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
logo
Sanyo Semicon Device
2SC5665 SANYO-2SC5665 Datasheet
36Kb / 7P
High-Frequency Low-Noise Amplifier and OSC Applications
2SC5781 SANYO-2SC5781 Datasheet
52Kb / 7P
High-Frequency Low-Noise Amplifier and OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
Fairchild Semiconductor
KSC1623YMTF FAIRCHILD-KSC1623YMTF Datasheet
66Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
KSC1623LMTF FAIRCHILD-KSC1623LMTF Datasheet
66Kb / 4P
Low Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com