Electronic Components Datasheet Search
  English  ▼

X  

EC3H04C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # EC3H04C
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H04C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  EC3H04C Datasheet HTML 1Page - Sanyo Semicon Device EC3H04C Datasheet HTML 2Page - Sanyo Semicon Device EC3H04C Datasheet HTML 3Page - Sanyo Semicon Device EC3H04C Datasheet HTML 4Page - Sanyo Semicon Device EC3H04C Datasheet HTML 5Page - Sanyo Semicon Device EC3H04C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC3H04C
No.6580-5/6
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.932
--38.6
3.040
152.2
0.088
65.7
0.943
--16.1
400
0.868
--69.7
2.804
129.9
0.143
47.6
0.845
--27.4
600
0.767
--92.6
2.258
113.8
0.166
33.5
0.733
--33.9
800
0.750
--111.5
1.795
101.5
0.187
27.4
0.671
--43.1
1000
0.736
--125.2
1.690
89.7
0.189
21.1
0.649
--47.0
1200
0.731
--134.4
1.409
80.9
0.182
17.0
0.631
--50.2
1400
0.734
--141.5
1.161
73.6
0.181
14.2
0.605
--55.7
1600
0.720
--148.8
1.098
66.8
0.179
10.9
0.587
--61.7
1800
0.708
--154.8
1.000
60.3
0.166
11.7
0.590
--65.4
2000
0.707
--160.8
0.926
57.7
0.154
12.4
0.598
--70.5
2200
0.704
--164.9
0.868
49.7
0.146
14.0
0.594
--75.1
2400
0.711
--170.0
0.784
49.1
0.137
18.1
0.612
--80.3
2600
0.703
--173.6
0.775
41.7
0.129
22.6
0.607
--85.1
2800
0.715
--177.9
0.677
41.8
0.127
29.7
0.629
--89.8
3000
0.702
178.8
0.703
36.0
0.126
36.4
0.627
--95.1
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.762
--71.5
11.124
135.7
0.068
53.9
0.752
--41.9
400
0.670
--111.1
7.542
113.1
0.090
40.4
0.516
--61.8
600
0.604
--132.1
5.338
102.6
0.100
35.6
0.379
--70.5
800
0.605
--145.2
4.172
93.9
0.108
36.0
0.320
--78.9
1000
0.604
--154.3
3.488
85.6
0.113
37.6
0.286
--84.5
1200
0.601
--160.4
2.943
80.0
0.118
39.7
0.264
--88.7
1400
0.599
--165.3
2.535
75.2
0.125
41.7
0.251
--93.6
1600
0.597
--169.8
2.265
70.8
0.133
43.7
0.247
--98.3
1800
0.590
--173.6
2.027
67.0
0.140
45.8
0.244
--101.4
2000
0.594
--177.1
1.853
63.4
0.150
47.8
0.250
--105.1
2200
0.590
179.9
1.711
59.2
0.158
49.5
0.253
--108.4
2400
0.594
177.0
1.584
56.1
0.168
50.8
0.264
--111.4
2600
0.593
174.1
1.493
52.3
0.179
51.9
0.270
--114.9
2800
0.597
171.7
1.393
49.5
0.191
53.0
0.281
--117.2
3000
0.594
169.0
1.333
46.1
0.203
53.6
0.290
--120.8
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.660
--94.3
15.608
125.5
0.054
49.6
0.618
--60.0
400
0.603
--131.8
9.377
105.6
0.069
42.5
0.389
--84.8
600
0.572
--148.7
6.448
97.9
0.079
43.2
0.284
--97.7
800
0.570
--158.0
4.947
90.6
0.089
46.3
0.242
--108.4
1000
0.576
--164.8
4.073
83.7
0.099
49.9
0.223
--116.7
1200
0.575
--169.6
3.433
78.9
0.110
52.4
0.211
--122.8
1400
0.572
--173.7
2.965
74.9
0.121
54.5
0.205
--128.1
1600
0.571
--177.1
2.628
71.0
0.134
55.7
0.205
--131.6
1800
0.568
179.7
2.353
67.9
0.146
56.4
0.205
--135.1
2000
0.569
177.2
2.141
64.5
0.158
56.9
0.208
--137.3
2200
0.568
174.4
1.977
61.1
0.172
57.3
0.214
--139.7
2400
0.568
172.2
1.828
57.9
0.185
57.6
0.219
--141.3
2600
0.569
169.5
1.718
54.8
0.198
57.4
0.228
--143.1
2800
0.569
167.6
1.611
51.8
0.212
57.4
0.233
--144.4
3000
0.572
165.4
1.530
49.0
0.226
56.9
0.242
--145.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com