Electronic Components Datasheet Search
  English  ▼

X  

EC3H04C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EC3H04C
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H04C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EC3H04C Datasheet HTML 1Page - Sanyo Semicon Device EC3H04C Datasheet HTML 2Page - Sanyo Semicon Device EC3H04C Datasheet HTML 3Page - Sanyo Semicon Device EC3H04C Datasheet HTML 4Page - Sanyo Semicon Device EC3H04C Datasheet HTML 5Page - Sanyo Semicon Device EC3H04C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EC3H04C
No.6580-4/6
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.744
--82.8
10.317
130.5
0.083
49.0
0.696
--53.9
400
0.670
--122.0
6.592
108.4
0.105
36.0
0.462
--79.7
600
0.618
--141.5
4.594
98.8
0.112
32.7
0.344
--93.5
800
0.624
--152.3
3.565
90.3
0.122
32.6
0.297
--104.0
1000
0.627
--160.5
2.967
82.3
0.126
34.6
0.278
--111.7
1200
0.623
--165.9
2.504
76.9
0.132
37.0
0.265
--118.5
1400
0.621
--170.1
2.167
72.1
0.140
39.1
0.258
--124.4
1600
0.621
--174.2
1.932
67.6
0.148
40.3
0.261
--127.6
1800
0.614
--177.8
1.731
64.0
0.158
42.3
0.263
--131.6
2000
0.619
179.2
1.590
60.1
0.165
44.1
0.269
--133.5
2200
0.615
176.1
1.464
56.3
0.175
45.6
0.278
--137.0
2400
0.618
173.8
1.367
52.9
0.186
47.0
0.284
--138.7
2600
0.616
170.6
1.283
49.4
0.197
48.1
0.300
--141.1
2800
0.619
168.7
1.209
46.5
0.209
48.6
0.302
--143.1
3000
0.619
165.8
1.150
43.2
0.221
49.2
0.319
--144.9
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.661
--108.8
13.770
119.9
0.064
44.3
0.568
--77.3
400
0.631
--141.8
7.901
101.6
0.078
39.0
0.383
--108.6
600
0.610
--156.0
5.378
94.8
0.088
40.0
0.311
--125.2
800
0.610
--164.7
4.111
87.7
0.099
44.1
0.288
--136.7
1000
0.616
--170.2
3.376
81.1
0.109
47.8
0.283
--144.2
1200
0.615
--174.4
2.848
76.4
0.122
50.3
0.280
--149.7
1400
0.613
--177.9
2.468
72.3
0.134
52.1
0.280
--154.3
1600
0.613
179.0
2.191
68.5
0.148
53.1
0.281
--156.9
1800
0.608
176.0
1.967
65.4
0.162
53.6
0.284
--159.6
2000
0.608
173.6
1.791
61.9
0.175
54.2
0.286
--161.4
2200
0.607
170.9
1.659
58.6
0.188
54.7
0.294
--163.0
2400
0.606
168.8
1.540
55.3
0.202
54.4
0.296
--164.8
2600
0.606
166.2
1.450
52.4
0.217
54.1
0.303
--165.3
2800
0.605
164.3
1.365
49.2
0.231
53.9
0.306
--167.0
3000
0.607
162.0
1.297
46.5
0.245
53.2
0.313
--167.6
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.623
--131.3
15.796
111.7
0.048
43.6
0.484
--100.8
400
0.623
--156.5
8.545
96.9
0.061
45.9
0.370
--132.7
600
0.613
--166.4
5.750
91.9
0.074
50.6
0.333
--147.4
800
0.615
--172.4
4.375
86.0
0.089
54.4
0.326
--156.2
1000
0.620
--176.6
3.571
80.0
0.103
58.0
0.328
--162.1
1200
0.619
--180.0
3.011
75.9
0.120
59.8
0.328
--166.1
1400
0.617
177.0
2.609
72.2
0.136
60.8
0.329
--169.3
1600
0.616
174.5
2.311
68.8
0.152
60.9
0.330
--171.7
1800
0.613
171.9
2.072
66.0
0.168
60.3
0.332
--174.0
2000
0.611
169.7
1.889
62.8
0.183
60.0
0.334
--175.5
2200
0.609
167.4
1.745
59.6
0.199
59.5
0.335
--176.8
2400
0.608
165.3
1.624
56.6
0.215
58.6
0.337
--178.2
2600
0.608
163.0
1.524
53.8
0.230
57.8
0.341
--179.0
2800
0.605
161.2
1.439
50.9
0.246
56.7
0.342
179.8
3000
0.606
159.3
1.365
48.2
0.261
55.6
0.344
179.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com