Electronic Components Datasheet Search
  English  ▼

X  

EC3H04C Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # EC3H04C
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H04C Datasheet(HTML) 6 Page - Sanyo Semicon Device

  EC3H04C Datasheet HTML 1Page - Sanyo Semicon Device EC3H04C Datasheet HTML 2Page - Sanyo Semicon Device EC3H04C Datasheet HTML 3Page - Sanyo Semicon Device EC3H04C Datasheet HTML 4Page - Sanyo Semicon Device EC3H04C Datasheet HTML 5Page - Sanyo Semicon Device EC3H04C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EC3H04C
No.6580-6/6
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of July, 2000. Specifications and information herein are subject
to change without notice.
PS
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.587
--116.9
18.878
117.0
0.042
48.5
0.505
--78.6
400
0.571
--147.6
10.531
100.4
0.055
48.9
0.325
--107.8
600
0.556
--160.0
7.129
94.6
0.068
52.3
0.256
--123.6
800
0.558
--167.1
5.430
88.4
0.081
55.9
0.234
--135.0
1000
0.564
--172.2
4.435
82.3
0.094
60.1
0.227
--143.1
1200
0.563
--175.9
3.735
78.1
0.108
61.6
0.224
--148.6
1400
0.561
--179.2
3.225
74.5
0.123
62.8
0.222
--152.9
1600
0.561
178.1
2.853
71.1
0.138
62.9
0.223
--155.7
1800
0.558
175.3
2.549
68.3
0.153
62.6
0.224
--158.4
2000
0.558
173.1
2.320
65.2
0.167
62.3
0.227
--160.2
2200
0.558
170.8
2.136
62.1
0.183
62.0
0.230
--161.5
2400
0.556
168.7
1.981
59.0
0.197
61.3
0.234
--163.0
2600
0.558
166.4
1.854
56.2
0.212
60.6
0.241
--163.6
2800
0.557
164.7
1.743
53.3
0.226
59.7
0.243
--164.5
3000
0.559
162.6
1.648
50.7
0.240
58.6
0.249
--165.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com