Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3232YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 10Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 11Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
8
M9999-113009-B
Functional Description
A constant output current converter is the preferred
method for driving LEDs. Small variations in current have a
minimal effect on the light output, whereas small variations
in voltage have a significant impact on light output. The
MIC323x family of LED drivers are specifically designed to
operate as constant current LED Drivers and the typical
application schematic is shown in Figure 1.
The MIC323x family is designed to operate as a boost
controller, where the output voltage is greater than the
input voltage. This configuration allows for the design of
multiple LEDs in series to help maintain color and
brightness. The MIC323x family can also be configured as
a SEPIC controller, where the output voltage can be either
above or below the input voltage.
The MIC3230/1/2 have a very wide input voltage range,
between 6V and 45V, to help accommodate for a diverse
range of input voltage applications. In addition, the LED
current can be programmed to a wide range of values
through the use of an external resistor. This provides
design flexibility in adjusting the current for a particular
application need.
The MIC3230/1/2 features a low impedance gate driver
capable of switching large MOSFETs. This low impedance
helps provide higher operating efficiency.
The MIC323x family can control the brightness of the
LEDs via its PWM dimming capability. Applying a PWM
signal (up to 500Hz) to the PWMD pin allows for control of
the brightness of the LED.
Each member of the MIC323x family employs peak current
mode
control.
Peak
current
mode
control
offers
advantages over voltage mode control in the following
manner. Current mode control can achieve a superior line
transient performance compared to voltage mode control
and through small signal analysis (not shown here),
current mode control is easier to compensate than voltage
mode control, thus allowing for a less complex control loop
stability design. Figure 2 shows the functional block
diagram.
Figure 2. MIC3230 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com