Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3232YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
4
M9999-113009-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).....................................................+48V
Enable Pin Voltage........................................... -0.3V to +6V
IADJ Voltage ..................................................................+6V
Lead Temperature (soldering, sec.)........................... 260°C
Storage Temperature (Ts)..........................-65°C to +150°C
ESD Rating
(3)
MIC3230 ....................................... 1500V HB, 100VMM
MIC3232 ........................................... 2kV HB, 100VMM
MIC3231 ....................................... 1500V HB, 150VMM
Operating Ratings
(2)
Supply Voltage (VIN)......................................... +6V to +45V
Junction Temperature (TJ)........................ –40°C to +125°C
Junction Thermal Resistance
MSOP (
θJA) ...................................................130.5°C/W
EPAD TSSOP (
θJA).........................................36.5°C/W
MLF
® (θJA).......................................................60.7°C/W
Electrical Characteristics
(4)
VIN = 12V; VEN = 3.6V; L = 47µH; C = 4.7µF; TJ = 25°C, Bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
6
45
V
UVLO
Under Voltage Lockout
3.5
4.9
5.5
V
IVIN
Quiescent Current
VFB > 275mV (to ensure device is not
switching)
3.2
10
mA
ISD
Shutdown Current
VEN = 0V
30
µA
Room temperature (3%)
242.5
250
257.5
mV
VIADJ
Feedback Voltage (at IADJ)
–40°C≤ TJ ≤ +125°C (5%)
237.5
250
262.5
mV
IADJ
Feedback Input Current
VFB = 250mV
1.2
3
µA
Line Regulation
VIN = 12V to 24V
2
%
Load Regulation
VOUT to 2 × VOUT
2
%
DMAX
Maximum Duty Cycle
MIC3230 & MIC3232
MIC3231
90
88
%
%
VEN
Enable Threshold
Turn ON
Turn OFF
1.5
1.15
1.1
0.4
V
V
IEN
Enable Pin Current
VEN = 3.3V
REN = 100kΩ
17
30
µA
VPWM
PWMD Threshold
Turn ON
Turn OFF
1.5
0.75
0.7
0.4
V
V
fPWMD
PWMD Frequency Range
Note 5
(L = 47µH; C = 4.7µF)
0
500
Hz
fSW
Programmable Oscillator
Frequency
RFREQ = 82.5kΩ
RFREQ = 21kΩ
RFREQ = 8.25kΩ
360
109
400
950
440
kHz
kHz
kHz
fSW
Fixed Frequency Option
(MIC3232YMM)
360
400
440
kHz
FDITHER
Low EMI (MIC3231)
Frequency dither shift from nominal
±12
%
VSENS
Current Limit Threshold Voltage
RSENSE = 390Ω
0.315
0.45
0.585
V
ISENSE
ISENSE Peak Current Out
RSENSE = 390Ω
250
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.
5. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com