Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3232YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
2
M9999-113009-B
Typical Application
L
47µH
D1
R8
100k
R9
4.33k
COUT
4.7µF
100V
R2
100k
RADJ
1/4W
RFS
16.5k
CCOMP
10nF
CIN
4.7µF/50v
RSLC
51
VFB = 0.25V
RCS
1/2W
Analog ground
Power ground
VOUT
VIN
PWMD
ENABLE
Synch to other MIC3230
ILED Return
LED 1
LED X
Q1
COMP
PWMD
VDD
AGND
PGND
EPAD
IS
OVP
DRV
VIN
EN
IADJ
MIC3230/31
SYNC
FS
C3
10µF
10V
Figure 1. Typical Application of the MIC3230 LED Driver
Product Option Matrix
MIC3230
MIC3231
MIC3232
Input Voltage
6V to 45V
6V to 45V
6V to 45V
Synchronization
Yes
No
No
Dither
No
Yes
No
Frequency Range
Adj from 100kHz to 1MHz
Adj from 100kHz to 1MHz
Fixed Freq. = 400kHz
Package
16-pin EPAD TSSOP
12-pin 3mm × 3mm MLF
®
16-pin EPAD TSSOP
12-pin 3mm × 3mm MLF
®
10-pin MSOP
Ordering Information
Part Number
Temperature Range
Package
Lead Finish
MIC3230YTSE
–40° to +125°C
16-pin EPAD TSSOP
Pb-Free
MIC3230YML
–40° to +125°C
12-pin 3mm x 3mm MLF
®
Pb-Free
MIC3231YTSE
–40° to +125°C
16-pin EPAD TSSOP
Pb-Free
MIC3231YML
–40° to +125°C
12-pin 3mm x 3mm MLF
®
Pb-Free
MIC3232YMM
–40° to +125°C
10-pin MSOP
Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com