Electronic Components Datasheet Search
  English  ▼

X  

MIC3232YMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC3232YMM
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232YMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC3232YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 9Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 10Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 11Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 12Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 13Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 14Page - Micrel Semiconductor MIC3232YMM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
11
M9999-113009-B
first 100ns of the current sense signal. See Figure 6.
Eq. (9)
IN
OUT
OUT
RMS
IN
V
eff
I
V
I
×
×
=
_
Eq. (10)
() ()
12
2
_
2
_
_
PP
IN
RMS
IN
AVE
IN
I
I
I
−
=
Eq. (11)
2
_
_
_
PP
IN
AVE
IN
PEAK
IN
I
I
I
+
=
Note: If IIN_PP is small then IIN_AVE nearly equals IIN_RMS
VA
+RSLC–
IS
S
R
Q
0.45V
0.45V
CCOMP
COMP
RCOMP = 10k
VC
PWM Comparator
IADJ
VA = IRAMP × RSLP
Current Limit
Clock
250µa/T
VIN
DRV
L1
D1
VCS
IL
VCS = IL × RCS
RCS
+
–
Ai
Figure 4. Current Sense Circuit (An explanation of the IS pin)
Clock
PWM
VC
VC
VC
IFET
IDIODE
0
0
0
IL
IL_AVE = IIN_AVE
IL_PK = IL_AVE + 1/2 IL_PP
IOUT
T
DT
(1-D)T
IL_PP
IFET_RMS
IL_AVE = IIN_AVE
m1
m2
Figure 5. Current Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com