Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LT Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MMA7456LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LT Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MMA7456LT Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Sensors
Freescale Semiconductor
29
MMA7456L
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the
correct size to ensure proper solder connection interface between the board and the package.
With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to
design boards with a solder mask layer to avoid bridging and shorting between solder pads.
SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD
These guideline are for soldering and mounting the LGA package inertial sensors to printed circuit boards (PCBs). The purpose
is to minimize the stress on the package after board mounting. The MMA7456L digital output accelerometer uses the Land Grid
Array (LGA) package platform. This section describes suggested methods of soldering these devices to the PC board for con-
sumer applications. Figure 18 shows the recommended PCB land pattern for the package.
Figure 18. Recommended PCB Land Pattern for the 5 x 3 mm LGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com