Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LT Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA7456LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LT Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA7456LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Sensors
Freescale Semiconductor
18
MMA7456L
SPI Slave Interface
The MMA7456L also uses serial peripheral interface communication as a digital communication. The SPI communication is pri-
marily used for synchronous serial communication between a master device and one or more slave devices. See Figure 16 for
an example of how to configure one master with one MMA745xL device. The MMA7456L is always operated as a slave device.
Typically, the master device would be a microcontroller which would drive the clock (SPC) and chip select (CS) signals.
The SPI interface consists of two control lines and two data lines: CS, SPC, SDI, and SDO. The CS, also known as Chip Select,
is the slave device enable which is controlled by the SPI master. CS is driven low at the start of a transmission. CS is then driven
high at the end of a transmission. SPC is the Serial Port Clock which is also controlled by the SPI master. SDI and SDO are the
Serial Port Data Input and the Serial Port Data Output. The SDI and SDO data lines are driven at the falling edge of the SPC and
should be captured at the rising edge of the SPC.
Read and write register commands are completed in 16 clock pulses or in multiples of 8, in the case of a multiple byte read/write.
SPI Read Operation
A SPI read transfer consists of a 1-bit Read/Write signal, a 6-bit address, and 1-bit don’t care bit. (1-bit R/W=0 + 6-bits address
+ 1-bit don’t care). The data to read is sent by the SPI interface during the next transfer. See Figure 11 and Figure 12 for the
timing diagram for an 8-bit read in 4 wire and 3 wire modes, respectively.
SPI Write Operation
In order to write to one of the 8-bit registers, an 8-bit write command must be sent to the MMA7456L. The write command consists
of an MSB (0=read, 1=write) to indicate writing to the MMA7456L register, followed by a 6-bit address and 1 don’t care bit.
The command should then be followed the 8-bit data transfer. See Figure 13 for the timing diagram for an 8-bit data write.
Figure 11. SPI Timing Diagram for 8-Bit Register Read (4 Wire Mode)
Figure 12. SPI Timing Diagram for 8-Bit Register Read (3 Wire Mode)
Figure 13. SPI Timing Diagram for 8-Bit Register Write (3 Wire Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com