Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LT Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA7456LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LT Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA7456LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Sensors
Freescale Semiconductor
11
MMA7456L
THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS
CASE 1: Motion Detection
Integer Value: X >Threshold OR Y >Threshold OR Z > Threshold
Reg $18 THOPT=1; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F.
CASE 2: Motion Detection
Absolute: ||X|| > Threshold OR ||Y|| >Threshold OR ||Z|| > Threshold
Reg $18 THOPT=0; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F.
CASE 3: Freefall Detection
Integer Value: X < Threshold AND Y < Threshold AND Z <Threshold
Reg $18 THOPT=1; Reg 19 LDPL=1, Set Threshold to 0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07
CASE 4: Freefall Detection
Absolute: ||X|| <Threshold AND ||Y|| < Threshold AND ||Z||< Threshold
Reg $18 THOPT=0; Reg 19 LDPL=1, Set Threshold to +/-0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07.
TH = $2F
TH = $2F
TH = $D1
TH = $07
TH = $07
TH = $F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com