Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LT Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA7456LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LT Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA7456LT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Sensors
Freescale Semiconductor
19
MMA7456L
BASIC CONNECTIONS
Pin Descriptions
Figure 14. Pinout Description
Table 8. Pin Descriptions
Recommended PCB Layout for Interfacing Accelerometer to Microcontroller
Figure 15. I2C Connection to MCU
AVDD
GND
DVDD_IO
INT1/DRDY
INT2
N/C
SDO
SDA/SDI/SDO
N/C
IADDR0
N/C
GND
Top View
Pin #
Pin Name
Description
Pin
Status
1
DVDD_IO
Digital Power for I/O pads
Input
2
GND
Ground
Input
3
N/C
No internal connection. Leave
unconnected or connect to Ground.
Input
4
IADDR0
I2C Address Bit 0
Input
5
GND
Ground
Input
6
AVDD
Analog Power
Input
7CS
SPI Enable (0), I2C Enable (1)
Input
8
INT1/DRDY
Interrupt 1/ Data Ready
Output
9
INT2
Interrupt 2
Output
10
N/C
No internal connection. Leave
unconnected or connect to Ground.
Input
11
N/C
No internal connection. Leave
unconnected or connect to Ground.
Input
12
SDO
SPI Serial Data Output
Output
13
SDA/SDI/SDO I2C Serial Data (SDA), SPI Serial
Data Input (SDI), 3-wire interface
Serial Data Output (SDO)
Open
Drain/
Input/
Output
14
SCL/SPC
I2C Serial Clock (SCL), SPI Serial
Clock (SPC)
Input
GND
Vdd
Vdd_IO
SCL
SDA
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
Address set bit (bit 0)
Vdd
Vdd
10uF
10uF
10k
?
10k
?
GND
Vdd
Vdd_IO
SCL
SDA
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
Address set bit (bit 0)
Vdd
Vdd
10uF
10uF
10k
?
10k
?
R2
R1
AVDD
DVDD
DVDD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com