Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXAULD Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXAULD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXAULD Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXAULD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
25
DDR2 and DDR3 SDRAM Controller
Figure 4 shows the DDR2 and DDR3 SDRAM Interface output timing for the MCK to MDQS skew
measurement (tDDKHMH).
Figure 4. Timing Diagram for tDDKHMH
Figure 5 shows the DDR2 and DDR3 SDRAM Interface output timing diagram.
Figure 5. DDR2 and DDR3 SDRAM Interface Output Timing Diagram
MDQS
MCK[n]
MCK[n]
tMCK
tDDKHMHmax) = 0.6 ns or 0.375 ns
tDDKHMH(min) = –0.6 ns or -0.375 ns
MDQS
ADDR/CMD
tDDKHAS ,tDDKHCS
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[x]
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
tDDKHAX ,tDDKHCX
Write A0
NOOP
tDDKHME
tDDKHMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com