Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXAULD Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXAULD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXAULD Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXAULD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
89
PCI Express
16.5
Receiver Compliance Eye Diagrams
The RX eye diagram in Figure 56 is specified using the passive compliance/test measurement load (see
Figure 57) in place of any real PCI Express RX component.
Note: In general, the minimum Receiver eye diagram measured with the compliance/test measurement
load (see Figure 57) is larger than the minimum Receiver eye diagram measured over a range of systems
at the input Receiver of any real PCI Express component. The degraded eye diagram at the input Receiver
is due to traces internal to the package as well as silicon parasitic characteristics which cause the real PCI
Express component to vary in impedance from the compliance/test measurement load. The input Receiver
eye diagram is implementation specific and is not specified. RX component designer should provide
additional margin to adequately compensate for the degraded minimum Receiver eye diagram (shown in
Figure 56) expected at the input Receiver based on some adequate combination of system simulations and
the Return Loss measured looking into the RX package and silicon. The RX eye diagram must be aligned
in time using the jitter median to locate the center of the eye diagram.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered TX UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is
created using all edges of the 250 consecutive UI in the center of the 3500 UI used for calculating the TX
UI.
NOTE
The reference impedance for return loss measurements is 50. to ground for
both the D+ and D- line (that is, as measured by a Vector Network Analyzer
with 50. probes—see Figure 57). Note that the series capacitors, CTX, are
optional for the return loss measurement.
Figure 56. Minimum Receiver Eye Timing and Voltage Compliance Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com