Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXAULD Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXAULD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXAULD Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXAULD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
48
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 24. SGMII Receiver Input Compliance Mask
Figure 25. SGMII AC Test/Measurement Load
Time (UI)
0
0.275
0.4
0.6
0.725
− VRX_DIFFp-p-min/2
VRX_DIFFp-p-min/2
− VRX_DIFFp-p-max/2
VRX_DIFFp-p-max/2
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com