Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXAULD Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXAULD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXAULD Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXAULD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CPXAULD Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
8
Freescale Semiconductor
Overview
— Auto-detection of 1x- and 4x-mode operation during port initialization
— Link initialization and synchronization
— Large and small size transport information field support selectable at initialization time
— 34-bit addressing
— Up to 256 bytes data payload
— All transaction flows and priorities
— Atomic set/clr/inc/dec for read-modify-write operations
— Generation of IO_READ_HOME and FLUSH with data for accessing cache-coherent data at
a remote memory system
— Receiver-controlled flow control
— Error detection, recovery, and time-out for packets and control symbols as required by the
RapidIO specification
— Register and register bit extensions as described in part VIII (Error Management) of the
RapidIO specification
— Hardware recovery only
— Register support is not required for software-mediated error recovery.
— Accept-all mode of operation for fail-over support
— Support for RapidIO error injection
— Internal LP-serial and application interface-level loopback modes
— Memory and PHY BIST for at-speed production test
•
RapidIO–compliant message unit
— 4 Kbytes of payload per message
— Up to sixteen 256-byte segments per message
— Two inbound data message structures within the inbox
— Capable of receiving three letters at any mailbox
— Two outbound data message structures within the outbox
— Capable of sending three letters simultaneously
— Single segment multicast to up to 32 devIDs
— Chaining and direct modes in the outbox
— Single inbound doorbell message structure
— Facility to accept port-write messages
•
Three PCI Express controllers
— PCI Express 1.0a compatible
— Supports x8, x4, x2, and x1 link widths (see following bullet for specific width configuration
options)
— Auto-detection of number of connected lanes
— Selectable operation as root complex or endpoint
— Both 32- and 64-bit addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com