Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
110
Freescale Semiconductor
Package Description
SD2_TX[0]
SGMII Tx Data eTSEC1
AD26
O
XVDD_SR
DS2
—
SD2_TX[3:0]
Transmit Data (negative)
AH27, AG25, AE25,
AD27
OXVDD_SR
DS2
—
SD2_PLL_TPD
PLL Test Point Digital
AH32
O
XVDD_SR
DS2
17
SD2_REF_CLK
PLL Reference Clock
AG32
I
XVDD_SR
DS2
—
SD2_REF_CLK
PLL Reference Clock
Complement
AG31
I
XVDD_SR
DS2
—
Reserved
—
AF26, AF27
—
—
28
General-Purpose Input/Output
GPINOUT[0:7]
General Purpose Input / Output B27, A28, B31, A32,
B30, A31, B28, B29
I/O
BVDD
—
System Control
HRESET
Hard Reset
AC31
I
OVDD
—
HRESET_REQ
Hard Reset Request
L23
O
OVDD
21
SRESET
Soft Reset
P24
I
OVDD
—
CKSTP_IN0
Checkstop In Processor 0
N26
I
OVDD
—
CKSTP_IN1
Checkstop In Processor 1
N25
I
OVDD
—
CKSTP_OUT0
Checkstop Out Processor 0
U29
O
OVDD
2, 4
CKSTP_OUT1
Checkstop Out Processor 1
T25
O
OVDD
2, 4
Debug
TRIG_IN
Trigger In
P26
I
OVDD
—
TRIG_OUT/READY_P0/QUIES
CE
Trigger Out / Ready Processor
0/ Quiesce
P25
O
OVDD
21
READY_P1
Ready Processor 1
N28
O
OVDD
5, 9
MSRCID[0:1]
Memory Debug Source Port ID
U27, T29
O
OVDD
5, 9, 30
MSRCID[2:4]
Memory Debug Source Port ID
U28, W24, W28
O
OVDD
21
MDVAL
Memory Debug Data Valid
V26
O
OVDD
2, 21
CLK_OUT
Clock Out
U32
O
OVDD
11
Clock
RTC
Real Time Clock
V25
I
OVDD
—
SYSCLK
System Clock
Y32
I
OVDD
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com