Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLB Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLB Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLB Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8572CPXATLB Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
114
Freescale Semiconductor
Package Description
VDD
Core, L2, Logic Supply
L14, M13, M15, M17,
N12, N14, N16, N20,
N22, P11, P13, P15,
P17, P19, P21, P23,
R12, R14, R16, R18,
R20, R22, T13, T15,
T19, T21, T23, U12,
U14, U18, U20, U22,
V13, V15, V17, V19,
V21, W12, W14, W16,
W18, W20, W22, Y13,
Y15, Y17, Y19, Y21,
AA12, AA14, AA16,
AA18, AA20, AB13
—VDD
—
SVDD_SRDS1
SerDes Core 1 Logic Supply
(xcorevdd)
C31, D29, E28, E32,
F30, G28, G31, H29,
K30, L31, M29, N32,
P30
——
—
SVDD_SRDS2
SerDes Core 2 Logic Supply
(xcorevdd)
AD32, AF31, AG29,
AJ32, AK29, AK30
——
—
XVDD_SRDS1
SerDes1 Transceiver Supply
(xpadvdd)
C26, D24, E27, F25,
G26, H24, J27, K25,
L26, M24, N27
——
—
XVDD_SRDS2
SerDes2 Transceiver Supply
(xpadvdd)
AD24, AD28, AE26,
AF25, AG27, AH24,
AJ26
——
—
AVDD_LBIU
Local Bus PLL Supply
A19
—
—
19
AVDD_DDR
DDR PLL Supply
AM20
—
—
19
AVDD_CORE0
CPU PLL Supply
B18
—
—
19
AVDD_CORE1
CPU PLL Supply
A17
—
—
19
AVDD_PLAT
Platform PLL Supply
AB32
—
—
19
AVDD_SRDS1
SerDes1 PLL Supply
J29
—
—
19
AVDD_SRDS2
SerDes2 PLL Supply
AH29
—
—
19
SENSEVDD
VDD Sensing Pin
N18
—
—
13
SENSEVSS
GND Sensing Pin
P18
—
—
13
Analog Signals
MVREF1
SSTL_1.8 Reference Voltage
C16
I
GVDD/2
—
MVREF2
SSTL_1.8 Reference Voltage
AM19
I
GVDD/2
—
SD1_IMP_CAL_RX
SerDes1 Rx Impedance
Calibration
B32
I
200
Ω
(±1%) to
GND
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com