Electronic Components Datasheet Search
  English  ▼

X  

AD9571 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9571
Description  Ethernet Clock Generator, 10 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9571 Datasheet(HTML) 1 Page - Analog Devices

  AD9571 Datasheet HTML 1Page - Analog Devices AD9571 Datasheet HTML 2Page - Analog Devices AD9571 Datasheet HTML 3Page - Analog Devices AD9571 Datasheet HTML 4Page - Analog Devices AD9571 Datasheet HTML 5Page - Analog Devices AD9571 Datasheet HTML 6Page - Analog Devices AD9571 Datasheet HTML 7Page - Analog Devices AD9571 Datasheet HTML 8Page - Analog Devices AD9571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ethernet Clock Generator, 10 Clock Outputs
AD9571
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for its use,norforanyinfringements ofpatents or other
rightsofthirdpartiesthat mayresult fromitsuse.Specificationssubjecttochangewithoutnotice. No
license isgranted by implication or otherwise under anypatent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fully integrated VCO/PLL core
0.17 ps rms jitter from 1.875 MHz to 20 MHz at 156.25 MHz
0.41 ps rms jitter from 12 kHz to 20 MHz at 125 MHz
Input crystal or clock frequency of 25 MHz
Preset divide ratios for 156.25 MHz, 33.33 MHz,100 MHz, and
125 MHz
Choice of LVPECL or LVDS output format
Integrated loop filter
6 copies of reference clock output
Rates configured via strapping pins
Space saving 6 mm × 6 mm 40-lead LFCSP
0.48 W power dissipation (LVDS operation)
0.69 W power dissipation (LVPECL operation)
3.3 V operation
APPLICATIONS
Ethernet line cards, switches, and routers
SCSI, SATA, and PCI-express
PCI support included
Low jitter, low phase noise clock generation
FUNCTIONAL BLOCK DIAGRAM
XTAL
OSC
REFCLK
REFSEL
6 × 25MHz
CMOS
1 × 33.33MHz
2 × 100MHz OR
125MHz
1 × 156.25MHz
FORCE_LOW
CMOS
LVPECL OR
LVDS
VCO
PFD/CP
3RD-ORDER
LPF
FREQSEL
AD9571
Figure 1.
GENERAL DESCRIPTION
The AD9571 provides a multioutput clock generator function
comprising a dedicated PLL core that is optimized for Ethernet
line card applications. The integer-N PLL design is based on the
Analog Devices, Inc., proven portfolio of high performance, low
jitter frequency synthesizers to maximize network performance.
Other applications with demanding phase noise and jitter
requirements also benefit from this part.
The PLL section consists of a low noise phase frequency
detector (PFD), a precision charge pump (CP), a low phase
noise voltage controlled oscillator (VCO), and a preprogrammed
feedback divider and output divider. By connecting an external
crystal or reference clock to the REFCLK pin, frequencies up to
156.25 MHz can be locked to the input reference.
Each output divider and feedback divider ratio is prepro-
grammed for the required output rates. No external loop filter
components are required, thus conserving valuable design time
and board space.
The AD9571 is available in a 40-lead 6 mm × 6 mm lead frame
chip scale package and can be operated from a single 3.3 V
supply. The operating temperature range is −40°C to +85°C.
2 × OCTAL
GbE PHY
2 × OCTAL
GbE PHY
2 × OCTAL
GbE PHY
2 × OCTAL
GbE PHY
48 + 2 SWITCH/MAC
OPTIONAL
CX-4 PHY
CPU
ISLAND
AD9571
XAUI
6 × 25MHz
2 × 125MHz
1 × 156.25MHz
1 × 33.33MHz
Figure 2. Typical Application


Similar Part No. - AD9571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD-R7 AD-AD9572ACPZLVD-R7 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results

Similar Description - AD9571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9575 AD-AD9575 Datasheet
316Kb / 16P
Network Clock Generator, Two Outputs
REV. 0
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
logo
Silicon Laboratories
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48C51 PERICOM-PI6LC48C51 Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com