Electronic Components Datasheet Search
  English  ▼

X  

AD9571 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9571
Description  Ethernet Clock Generator, 10 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9571 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9571 Datasheet HTML 9Page - Analog Devices AD9571 Datasheet HTML 10Page - Analog Devices AD9571 Datasheet HTML 11Page - Analog Devices AD9571 Datasheet HTML 12Page - Analog Devices AD9571 Datasheet HTML 13Page - Analog Devices AD9571 Datasheet HTML 14Page - Analog Devices AD9571 Datasheet HTML 15Page - Analog Devices AD9571 Datasheet HTML 16Page - Analog Devices AD9571 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9571
Rev. 0 | Page 13 of 20
TERMINOLOGY
Phase Jitter
An ideal sine wave can be thought of as having a continuous
and even progression of phase with time from 0 degrees to 360
degrees for each cycle. Actual signals, however, display a certain
amount of variation from ideal phase progression over time.
This phenomenon is called phase jitter. Although many causes
can contribute to phase jitter, one major cause is random noise,
which is characterized statistically as gaussian (normal) in
distribution.
This phase jitter leads to a spreading out of the energy of the
sine wave in the frequency domain, producing a continuous
power spectrum. This power spectrum is usually reported as a
series of values whose units are dBc/Hz at a given offset in
frequency from the sine wave (carrier). The value is a ratio
(expressed in dB) of the power contained within a 1 Hz
bandwidth with respect to the power at the carrier frequency.
For each measurement, the offset from the carrier frequency is
also given.
Phase Noise
When the total power contained within some interval of offset
frequencies (for example, 12 kHz to 20 MHz) is integrated, it is
called the integrated phase noise over that frequency offset
interval, and it can be readily related to the time jitter due to the
phase noise within that offset frequency interval.
Phase noise has a detrimental effect on error rate performance
by increasing eye closure at the transmitter output and reducing
the jitter tolerance/sensitivity of the receiver.
Time Jitter
Phase noise is a frequency domain phenomenon. In the time
domain, the same effect is exhibited as time jitter. When
observing a sine wave, the time of successive zero crossings is
seen to vary. In a square wave, the time jitter is seen as a
displacement of the edges from their ideal (regular) times of
occurrence. In both cases, the variations in timing from the
ideal are the time jitter. Because these variations are random in
nature, the time jitter is specified in units of seconds root mean
square (rms) or 1 sigma of the gaussian distribution.
Additive Phase Noise
Additive phase noise is the amount of phase noise that is
attributable to the device or subsystem being measured. The
phase noise of any external oscillators or clock sources has been
subtracted. This makes it possible to predict the degree to which
the device impacts the total system phase noise when used in
conjunction with the various oscillators and clock sources, each
of which contributes its own phase noise to the total. In many
cases, the phase noise of one element dominates the system
phase noise.
Additive Time Jitter
Additive time jitter is the amount of time jitter that is attributable
to the device or subsystem being measured. The time jitter of
any external oscillators or clock sources has been subtracted.
This makes it possible to predict the degree to which the device
impacts the total system time jitter when used in conjunction
with the various oscillators and clock sources, each of which
contributes its own time jitter to the total. In many cases, the
time jitter of the external oscillators and clock sources dominates
the system time jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com