Electronic Components Datasheet Search
  English  ▼

X  

AD9571 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9571
Description  Ethernet Clock Generator, 10 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9571 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9571 Datasheet HTML 5Page - Analog Devices AD9571 Datasheet HTML 6Page - Analog Devices AD9571 Datasheet HTML 7Page - Analog Devices AD9571 Datasheet HTML 8Page - Analog Devices AD9571 Datasheet HTML 9Page - Analog Devices AD9571 Datasheet HTML 10Page - Analog Devices AD9571 Datasheet HTML 11Page - Analog Devices AD9571 Datasheet HTML 12Page - Analog Devices AD9571 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9571
Rev. 0 | Page 9 of 20
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter
Rating
VS to GND
−0.3 V to +3.6 V
REFCLK to GND
−0.3 V to VS + 0.3 V
BYPASSx to GND
−0.3 V to VS + 0.3 V
XO to GND
−0.3 V to VS + 0.3 V
FORCE_LOW, FREQSEL, and
REFSEL to GND
−0.3 V to VS + 0.3 V
25M, 33M, 100M/125M, and 156M
to GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature Range
−65°C to +150°C
1 See Table 12 for θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Thermal impedance measurements were taken on a 4-layer
board in still air in accordance with EIA/JESD51-7.
Table 12. Thermal Resistance
Package Type
θ
JA
Unit
40-Lead LFCSP
27.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com