Electronic Components Datasheet Search
  English  ▼

X  

SI1012 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # SI1012
Description  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1012 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button SI1012 Datasheet HTML 87Page - Silicon Laboratories SI1012 Datasheet HTML 88Page - Silicon Laboratories SI1012 Datasheet HTML 89Page - Silicon Laboratories SI1012 Datasheet HTML 90Page - Silicon Laboratories SI1012 Datasheet HTML 91Page - Silicon Laboratories SI1012 Datasheet HTML 92Page - Silicon Laboratories SI1012 Datasheet HTML 93Page - Silicon Laboratories SI1012 Datasheet HTML 94Page - Silicon Laboratories SI1012 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 384 page
background image
Rev. 1.0
91
Si1010/1/2/3/4/5
5.6. Programmable Window Detector
The ADC Programmable Window Detector continuously compares the ADC0 output registers to user-pro-
grammed limits, and notifies the system when a desired condition is detected. This is especially effective in
an interrupt-driven system, saving code space and CPU bandwidth while delivering faster system
response times. The window detector interrupt flag (AD0WINT in register ADC0CN) can also be used in
polled mode. The ADC0 Greater-Than (ADC0GTH, ADC0GTL) and Less-Than (ADC0LTH, ADC0LTL)
registers hold the comparison values. The window detector flag can be programmed to indicate when mea-
sured data is inside or outside of the user-programmed limits, depending on the contents of the ADC0
Less-Than and ADC0 Greater-Than registers.
SFR Page = 0x0; SFR Address = 0xC4
SFR Page = 0x0; SFR Address = 0xC3
SFR Definition 5.8. ADC0GTH: ADC0 Greater-Than High Byte
Bit
76543210
Name
AD0GT[15:8]
Type
R/W
Reset
11111111
Bit
Name
Function
7:0
AD0GT[15:8] ADC0 Greater-Than High Byte.
Most Significant Byte of the 16-bit Greater-Than window compare register.
SFR Definition 5.9. ADC0GTL: ADC0 Greater-Than Low Byte
Bit
76543210
Name
AD0GT[7:0]
Type
R/W
Reset
11111111
Bit
Name
Function
7:0
AD0GT[7:0] ADC0 Greater-Than Low Byte.
Least Significant Byte of the 16-bit Greater-Than window compare register.
Note:
In 8-bit mode, this register should be set to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com