Electronic Components Datasheet Search
  English  ▼

X  

SI1012 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI1012
Description  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1012 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI1012 Datasheet HTML 35Page - Silicon Laboratories SI1012 Datasheet HTML 36Page - Silicon Laboratories SI1012 Datasheet HTML 37Page - Silicon Laboratories SI1012 Datasheet HTML 38Page - Silicon Laboratories SI1012 Datasheet HTML 39Page - Silicon Laboratories SI1012 Datasheet HTML 40Page - Silicon Laboratories SI1012 Datasheet HTML 41Page - Silicon Laboratories SI1012 Datasheet HTML 42Page - Silicon Laboratories SI1012 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 384 page
background image
Rev. 1.0
39
Si1010/1/2/3/4/5
Table 3.2. QFN-42 Package Dimensions
Dimension
Min
Typ
Max
Dimension
Min
Typ
Max
A
0.60
0.65
0.70
F
0.07 REF
b
0.20
0.25
0.30
G
1.42 BSC
D
5.00 BSC
L
0.25
0.30
0.35
D1
3.00 BSC
L1
0.500.550.60
D2
4.25 BSC
L2
0.10 REF
D3
3.11
3.16
3.21
L3
0.125 REF
D4
2.68
2.73
2.78
P14
0.525 BSC
e0.50 BSC
P24
0.475 BSC
E
7.00 BSC
aaa
—
—
0.15
E1
6.50 BSC
bbb
—
—
0.10
E2
3.00 BSC
ccc
—
—
0.10
E3
2.92
2.97
3.02
ddd
—
—
0.05
E4
2.58
2.63
2.68
fff
—
—
0.10
Notes:
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3.
Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small
Body Components.
4.
All pitches other than P1, P2 are represented by e.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com