Electronic Components Datasheet Search
  English  ▼

X  

SI1012 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI1012
Description  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1012 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI1012 Datasheet HTML 17Page - Silicon Laboratories SI1012 Datasheet HTML 18Page - Silicon Laboratories SI1012 Datasheet HTML 19Page - Silicon Laboratories SI1012 Datasheet HTML 20Page - Silicon Laboratories SI1012 Datasheet HTML 21Page - Silicon Laboratories SI1012 Datasheet HTML 22Page - Silicon Laboratories SI1012 Datasheet HTML 23Page - Silicon Laboratories SI1012 Datasheet HTML 24Page - Silicon Laboratories SI1012 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 384 page
background image
Rev. 1.0
21
Si1010/1/2/3/4/5
Figure 1.1. Si1010 Block Diagram
Figure 1.2. Si1011 Block Diagram
CIP-51 8051
Controller Core
16k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
512 Byte XRAM
VDD
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
XTAL2
Low Power
20 MHz
Oscillator
SmaRTClock
Oscillator
XTAL3
XTAL4
GND
VREG
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
12/10-bit
75/300 ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
6-bit
IREF
VREF
GND
IREF0
CP0, CP0A
+
-
CP1, CP1A
RF XCVR
(240-960 MHz)
OSC
PA
LNA
AGC
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
15
ANALOG &
DIGITAL I/O
CIP-51 8051
Controller Core
8k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
512 Byte XRAM
VDD
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
XTAL2
Low Power
20 MHz
Oscillator
SmaRTClock
Oscillator
XTAL3
XTAL4
GND
VREG
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
6-bit
IREF
VREF
GND
IREF0
CP0, CP0A
+
-
CP1, CP1A
RF XCVR
(240-960 MHz)
OSC
PA
LNA
AGC
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
15
ANALOG &
DIGITAL I/O
12/10-bit
75/300 ksps
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com