Electronic Components Datasheet Search
  English  ▼

X  

SI1012 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI1012
Description  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1012 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI1012 Datasheet HTML 9Page - Silicon Laboratories SI1012 Datasheet HTML 10Page - Silicon Laboratories SI1012 Datasheet HTML 11Page - Silicon Laboratories SI1012 Datasheet HTML 12Page - Silicon Laboratories SI1012 Datasheet HTML 13Page - Silicon Laboratories SI1012 Datasheet HTML 14Page - Silicon Laboratories SI1012 Datasheet HTML 15Page - Silicon Laboratories SI1012 Datasheet HTML 16Page - Silicon Laboratories SI1012 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 384 page
background image
Rev. 1.0
13
Si1010/1/2/3/4/5
Figure 27.9. Timer 3 Capture Mode Block Diagram .............................................. 356
Figure 28.1. PCA Block Diagram ........................................................................... 360
Figure 28.2. PCA Counter/Timer Block Diagram ................................................... 362
Figure 28.3. PCA Interrupt Block Diagram ............................................................ 363
Figure 28.4. PCA Capture Mode Diagram ............................................................. 365
Figure 28.5. PCA Software Timer Mode Diagram ................................................. 365
Figure 28.6. PCA High-Speed Output Mode Diagram ........................................... 366
Figure 28.7. PCA Frequency Output Mode ........................................................... 367
Figure 28.8. PCA 8-Bit PWM Mode Diagram ........................................................ 368
Figure 28.9. PCA 9, 10 and 11-Bit PWM Mode Diagram ...................................... 369
Figure 28.10. PCA 16-Bit PWM Mode ................................................................... 370
Figure 28.11. PCA Module 5 with Watchdog Timer Enabled ................................ 371
Figure 29.1. Typical C2 Pin Sharing ...................................................................... 382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com