Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG TLE4299 Datasheet HTML 10Page - Infineon Technologies AG TLE4299 Datasheet HTML 11Page - Infineon Technologies AG TLE4299 Datasheet HTML 12Page - Infineon Technologies AG TLE4299 Datasheet HTML 13Page - Infineon Technologies AG TLE4299 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Datasheet
10
Rev. 1.1, 2007-10-17
TLE 4299
Reset Generator
Switching threshold
V
rt
3.00 3.10 3.20
V
–
Reset threshold
headroom
V
RTHEAD
50
200
300
mV
–
Reset pull up
R
RO
10
20
40
k
Ω
–
Reset low voltage
V
R
–
0.17 0.40
V
V
Q < 3.0 V; internal RRO;
I
R =1mA
External reset pull up
V
R ext
5.6
–
–
k
Ω
Pull up resistor Q
Delay switching threshold
V
DT
1.6
1.85 2.35
V
–
Switching threshold
V
ST
0.35 0.50 0.60
V
–
Reset delay low voltage
V
D
––
0.1
V
V
Q < VRT
Charge current
I
ch
2.0
3.5
6.0
µA
V
D =1V
Power-up Reset delay
time
t
d
36
51
60
ms
C
D =100 nF
Reset reaction time
t
rr
0.5
1.2
3.0
µs
C
D =100 nF
Reset Adjust Switching
Threshold
VRADJ
TH
1.26 1.36 1.44
V
V
Q < 3.5V
Input Voltage Sense
Sense threshold high
V
SI high
1.34 1.45 1.54
V
–
Sense threshold low
V
SI low
1.26 1.36 1.44
V
–
Sense input switching
hysteresis
V
SI HYST
50
90
130
mV
V
SI HYST = VSI high – VSI low
Sense output low voltage
V
SO low
–0.1
0.4
V
V
SI <1.20 V; Vi >4.2 V;
I
SO = 1mA
External SO pull up
resistor
R
SO ext
5.6
–
–
k
Ω
–
Sense input current
I
SI
–
10.1
1
µA
Si > 1.0V
Characteristics (cont’d)
V
I =13.5V; Tj = – 40 °C< Tj <150 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com