Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 12Page - Infineon Technologies AG TLE4299 Datasheet HTML 13Page - Infineon Technologies AG TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Datasheet
16
Rev. 1.1, 2007-10-17
TLE 4299
Early Warning
The early warning function compares a voltage defined by the user to an internal
reference voltage. Therefore the supervised voltage has to be scaled down by an
external voltage divider in order to compare it to the internal sense threshold of typical
1.36 V. The sense output pin is set low, when the voltage at SI falls below this threshold.
A typical example where the circuit can be used is to supervise the input voltage
V
I to
give the microcontroller a prewarning of low battery condition.
Calculation to the voltage divider can be easily done since the sense input current can
be neglected.
Figure 9
Sense Timing Diagram
V
thHL = (RSI1 + RSI2)/RSI2 × VSI low
[4]
V
thLH = (RSI1 + RSI2)/RSI2 × VSI high
[5]
The sense in comparator uses a hysteresis of typical 90 mV. This hysteresis of the
supervised threshold is multiplied by the resistor dividers amplification (
R
SI1 + RSI2)/RSI1.
The sense in comparator can also be used for receiving data with a threshold of typical
1.36 V and a hysteresis of 90 mV. Of course also the data signal can be scaled down
with a resistive divider as shown above. With a typical delay time of 2.5
µs for positive
transitions and 2.4
µs for negative transitions receiving data of up to 100 kBaud are
possible. The sense output is an open collector output.
t
Sense
t
SI, High
V
SI, Low
V
Input
Voltage
High
Low
Output
Sense
t PD SO LH
PD SO HL
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com