Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 10Page - Infineon Technologies AG TLE4299 Datasheet HTML 11Page - Infineon Technologies AG TLE4299 Datasheet HTML 12Page - Infineon Technologies AG TLE4299 Datasheet HTML 13Page - Infineon Technologies AG TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Datasheet
14
Rev. 1.1, 2007-10-17
TLE 4299
Reset
The power on reset feature is necessary for a defined start of the microprocessor when
switching on the application. For the reset delay time after the output voltage of the
regulator is above the reset threshold, the reset signal is set High again. The reset delay
time is defined by the reset delay capacitor
C
D at pin D.
The under-voltage reset circuitry supervises the output voltage. In case
V
Q decreases
below the reset threshold the reset output is set LOW after the reset reaction time. The
reset LOW signal is generated down to an output voltage
V
Q to 1 V. Both the reset
reaction time and the reset delay time is defined by the capacitor value.
The power on reset delay time is defined by the charging time of an external delay
capacitor
C
D.
C
D = (td × ID) / ∆V
[1]
t
d = CD x ∆V / ID
[2]
With
C
D
reset delay capacitor
t
d
reset delay time
∆V
=
V
DT, typical 1.8 V for power up reset
I
ch
charge current typical 3.5
µA
For a delay capacitor
C
D =100 nF the typical power on reset delay time is 51 ms.
The reset reaction time
t
RR is the time it takes the voltage regulator to set reset output
LOW after the output voltage has dropped below the reset threshold. It is typically 1.2
µs
for delay capacitor of 100 nF. For other values for
C
D the reaction time can be estimated
using the following equation:
t
RR ∼ 10 ns / nF × CD
[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com