Electronic Components Datasheet Search
  English  ▼

X  

TLE4299 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 13Page - Infineon Technologies AG TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Datasheet
17
Rev. 1.1, 2007-10-17
TLE 4299
Current Consumption I
q versus
Junction Temperature T
j
Current Consumption I
q versus Output
Current I
Q
1_Iq-Tj.vsd
10
1
0.01
100
I
q [µA]
-40
T
j [°C]
-20
20 40
80 100
060
140
120
V
I = 13.5V
I
Q = 1mA
080
120
2_IQ-IQ.VSD
6
4
2
8
40
160
T
j = -40 °C
12
T
j = 25 °C
I
Q [mA]
I
q [mA]
T
j = 150 °C
Current Consumption I
q versus Input
Voltage V
I
0
V
I [V]
20
30
I
q [mA]
3_IQ-VI.VSD
1.5
1
0.5
2
10
40
I
Q = 1mA
I
Q = 10mA
T = 25°C
3
Output Voltage V
Q versus Junction
Temperature T
j
AED01671
-40
V
Q
V
040
80
120 C 160
2.9
3.0
3.1
3.2
3.3
3.4
Ι
V = 13.5 V
3.5
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com