Electronic Components Datasheet Search
  English  ▼

X  

TLE4675D Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4675D
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675D Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4675D Datasheet HTML 7Page - Infineon Technologies AG TLE4675D Datasheet HTML 8Page - Infineon Technologies AG TLE4675D Datasheet HTML 9Page - Infineon Technologies AG TLE4675D Datasheet HTML 10Page - Infineon Technologies AG TLE4675D Datasheet HTML 11Page - Infineon Technologies AG TLE4675D Datasheet HTML 12Page - Infineon Technologies AG TLE4675D Datasheet HTML 13Page - Infineon Technologies AG TLE4675D Datasheet HTML 14Page - Infineon Technologies AG TLE4675D Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet
11
Rev. 1.0, 2008-09-30
TLE4675
Voltage Regulator
5.2
Electrical Characteristics Voltage Regulator
Electrical Characteristics: Voltage Regulator
V
I = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.2.1
Output Voltage
V
Q
4.9
5.0
5.1
V
200 µA
≤ IQ ≤ 400 mA;
8 V
≤ VI ≤ 18 V
5.2.2
4.9
5.0
5.1
V
200 µA
≤ IQ ≤ 300 mA;
6 V
≤ VI ≤ 18V
5.2.3
4.9
5.0
5.1
V
200 µA
≤ IQ ≤ 200 mA;
18 V
≤ VI ≤ 32 V1)
1) See typical performance graph for details.
5.2.4
4.9
5.0
5.1
V
200 µA
≤ IQ ≤ 20 mA;
32 V
≤ VI ≤ 45 V1)
5.2.5
Load Regulation
steady-state
d
V
Q,load
-30
-5
–
mV
I
Q = 1 mA to 300 mA;
V
I = 6 V
5.2.6
Line Regulation
steady-state
d
V
Q,line
–520
mV
V
I = 6 V to 32 V;
I
Q = 5 mA
5.2.7
Power Supply Ripple
Rejection
PSRR
60
65
–
dB
f
ripple = 100 Hz;
V
ripple = 1 Vpp
2)
2) Parameter not subject to production test; specified by design.
5.2.8
Drop Out Voltage
V
dr = VI - VQ
V
dr
–
120
250
mV
I
Q = 100 mA
3)
3) Measured when the output voltage
V
Q has dropped 100 mV from its nominal value.
5.2.9
–
250
500
mV
I
Q = 300 mA
3)
5.2.10
Output Current Limitation
I
Q,max
401
550
850
mA
0 V
≤ VQ ≤ 4.8 V
5.2.11
Reverse Current
I
Q
-2
-1
–
mA
V
I = 0 V; VQ = 5 V
5.2.12
Reverse Current
at Negative Input Voltage
I
I
-5
-2
–
mA
V
I = -16 V; VQ = 0 V
5.2.13
-10
-3
–
mA
V
I = -42 V; VQ = 0 V
5.2.14
Overtemperature Shutdown
Threshold
T
j,sd
151
–
200
°C
T
j increasing
2)
5.2.15
Overtemperature Shutdown
Threshold Hysteresis
T
j,hy
–25
–
K
T
j decreasing
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com