Electronic Components Datasheet Search
  English  ▼

X  

TLE4675D Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4675D
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675D Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4675D Datasheet HTML 11Page - Infineon Technologies AG TLE4675D Datasheet HTML 12Page - Infineon Technologies AG TLE4675D Datasheet HTML 13Page - Infineon Technologies AG TLE4675D Datasheet HTML 14Page - Infineon Technologies AG TLE4675D Datasheet HTML 15Page - Infineon Technologies AG TLE4675D Datasheet HTML 16Page - Infineon Technologies AG TLE4675D Datasheet HTML 17Page - Infineon Technologies AG TLE4675D Datasheet HTML 18Page - Infineon Technologies AG TLE4675D Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
15
Rev. 1.0, 2008-09-30
TLE4675
Current Consumption
6.2
Typical Performance Characteristics Current Consumption
Current Consumption
I
q vs.
Junction Temperature
T
j
Current Consumption
I
q vs.
Output Current
I
Q
Current Consumption
I
q vs.
Junction Temperature
T
jI
Current Consumption
I
q vs.
Input Voltage
V
I
Iq-Tj .v s d
1
0.1
0.01
10
Iq [mA]
-40
Tj [°C]
-20
20 40
80 100
060
140
120
IQ = 2 mA
IQ = 100 mA
IQ = 400 mA
VI = 13.5V
0.2
IQ [mA]
110
Iq -IQ .v s d
1
0.1
0.01
10
100
Iq [mA]
VI = 13.5 V
Tj = 125 °C
VI = 13.5 V
Tj = 25 °C
2
-40
Tj [°C]
40
80
Iq [µA]
Iq100u_Tj.v s d
80
60
40
100
0120
IQ = 200 µA
VI = 13.5 V
140
150
0
V
I [V]
46
I
q [mA]
Iq _ v s ._VIN.v s d
18
12
6
24
28
R
L = 500 Ω
36
T
j = 25 °C
R
L = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com