Electronic Components Datasheet Search
  English  ▼

X  

TLE4675D Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4675D
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675D Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4675D Datasheet HTML 10Page - Infineon Technologies AG TLE4675D Datasheet HTML 11Page - Infineon Technologies AG TLE4675D Datasheet HTML 12Page - Infineon Technologies AG TLE4675D Datasheet HTML 13Page - Infineon Technologies AG TLE4675D Datasheet HTML 14Page - Infineon Technologies AG TLE4675D Datasheet HTML 15Page - Infineon Technologies AG TLE4675D Datasheet HTML 16Page - Infineon Technologies AG TLE4675D Datasheet HTML 17Page - Infineon Technologies AG TLE4675D Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TLE4675
Current Consumption
Data Sheet
14
Rev. 1.0, 2008-09-30
6
Current Consumption
6.1
Electrical Characteristics Current Consumption
Figure 6
Parameter Definition
Electrical Characteristics: Current Consumption
V
I = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, directions of currents as shown in Figure 6 (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
6.1.1
Current Consumption
I
q = II - IQ
I
q
–65
80
µA
I
Q ≤ 200 µA; Tj ≤ 25 °C
6.1.2
–
70
85
µA
I
Q ≤ 200 µA; Tj ≤ 85 °C
6.1.3
–
6
10
mA
I
Q = 250 mA
6.1.4
–
15
25
mA
I
Q = 400 mA
GND
Q
I
CurrentConsumption _ ParameterDefinition .vsd
CQ
LOAD
Supply
CI
Regulated
Output Voltage
IQ
I
I
VQ
+
VI
+
Iq
Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com